PART |
Description |
Maker |
L130-2280HE1400001 L130-2580HE1400001 L130-3080HE1 |
Hot-color targeted industry standard package for uniform light
|
Lumileds Lighting Compa...
|
L130-27800BHV00001 L130-50800BHV00001 L130-57800BH |
High flux, hot-color targeted, 24V and 48V mid power packages
|
Lumileds Lighting Compa...
|
ARE1303 ARE1303Z ARE1306 ARE1309 ARE1312 ARE1312Z |
RE-relay. 2.6 GHz 75 ohm relays for broadcasting industry. Standard PC board terminal. Nominal voltage 4.5 V DC. 2.6 GHZ 75з RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75 RELAYS FOR BROADCASTING INDUSTRY 2.6 GHz 75?/a> RELAYS FOR BROADCASTING INDUSTRY
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
UCC39161DP UCC39161DPG4 UCC39161-10 |
<font color=red>[Old version datasheet]</font> LOW CURRENT HOT SWAP POWER MANAGER
|
TI store
|
AED AED17Q50N-6 ALD17Q50N-6 AED17Q50N-6L ALD17Q50N |
1-OUTPUT 150 W DC-DC REG PWR SUPPLY MODULE Industry standard package 16th Brick 0.90 x 1.30 Industry standard package 16th Brick 0.90?/a> x 1.30 Industry standard package 16th Brick 0.90隆卤 x 1.30
|
Emerson Network Power
|
BQ25703A BQ25703ARSNR BQ25703ARSNT |
<font color=red>[Old version datasheet]</font> I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
|
TI store
|
Q62703-Q3500 Q62703-Q3502 Q62703-Q3503 LSA676-P LS |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, AMBER, 2.4 mm Hyper SIDELED Hyper-Bright LED SINGLE COLOR LED, ORANGE, 2.4 mm Hyper SIDELED Hyper-Bright LED 超SIDELED超高亮LED
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG TE Connectivity, Ltd.
|
AV60C-048L-033F10 AV60C-048L-150F10 AV60C-048L-033 |
Industry standard pin-out & performance 100°C baseplate temperature (no derating) Industry standard pin-out & performance 100掳C baseplate temperature (no derating) Industry standard pin-out & performance 100隆?C baseplate temperature (no derating) 50-150 Watts
|
Emerson Network Power ASTEC[Astec America, Inc]
|
MAX5901 MAX5901L MAX5901A |
-100V SOT23/TDFN Simple Swapper Hot-Swap Controllers " -100V Simple Swapper Hot- Swap Controller, Latched off" -100V Simple Swapper Hot- Swap Controller with Periodic Retry
|
Maxim
|
PO74HSTL85352ASR PO74HSTL85352ASU PO74HSTL85352A-1 |
The PO74HSTL85352A is a low-skew, 1-to-2 differential fanout buffer targeted to meet the requirements of high-performance clock and data distribution applications. LVCMOS Input to HSTL Output 1:2 Fanout Buffer
|
Potato Semiconductor Corporation Potato Semiconductor Corpor...
|
FT311D FT311D-32L1C FT311D-32L1C-R FT311D-32L1C-X |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null USB Android Host IC
|
Future Technology Devic...
|